Part Number Hot Search : 
PESD5V0L AN7164N GB20B60P NCCW023T 30410 AN281 70280 MC3415
Product Description
Full Text Search
 

To Download 2SC4757 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4757
DESCRIPTION *High Breakdown Voltage: VCBO= 1500V (Min) *High Switching Speed *Low Saturation Voltage
APPLICATIONS *Horizontal deflection output for high resolution display. *High speed switching power supply output applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current- Continuous
w w
scs .i w
1500 V 600 V 5 V 7 A 14 A 3.5 A
.cn mi e
ICP
Collector Current-Pulse
IB
B
Base Current- Continuous Collector Power Dissipation @ TC=25 Junction Temperature
PC
50
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4757
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 5mA ; IB= 0
600
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1.2A
B
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1.2A
B
1.5
V
ICBO
Collector Cutoff Current
VCB= 1500V ; IE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V ; IC= 0
hFE-1
DC Current Gain
hFE-2
DC Current Gain
fT
Current-Gain--Bandwidth Product
COB
Output Capacitance
Switching times Resistive load
w w
w.
sem isc
IC= 1A ; VCE= 5V IC= 5A ; VCE= 5V IC= 0.1A ; VCE= 10V ICP= 5A , IB1= 1A ; IB2= -2A RL=39
.cn i
8 4 1 3 175
10
A
8
MHz
IE= 0 ; VCB= 10V;ftest= 1.0MHz
pF
tstg
Storage Time
2.5
s
tf
Fall Time
0.2
s
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4757
w w
scs .i w
.cn mi e
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4757
w w
scs .i w
.cn mi e
isc Websitewww.iscsemi.cn
4


▲Up To Search▲   

 
Price & Availability of 2SC4757

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X